Part Number Hot Search : 
HFCS70SG SML50H19 SF41R10K GP20D 2SK26 CP759R 1N756A BT4401
Product Description
Full Text Search
 

To Download P6KE20A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE SERIES
600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
VOLTAGE RANGE
6.8 to 440 Volts
FEATURES
* 600 Watts Surge Capability at 1ms * Excellent clamping capability * Low zener impedance * Fast response time: Typically less than 1.0ps from 0 volt to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 260 C / 10 seconds / .375"(9.5mm) lead length, 5lbs.(2.3kg) tension
600 Watts Peak Power 5.0 Watts Steady State
DO-15
.140(3.6) .104(2.6) DIA.
1.0(25.4) MIN.
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.40 grams
.300(7.6) .230(5.8)
.034(.9) .028(.7) DIA.
1.0(25.4) MIN.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS
Peak Power Dissipation at TA=25 C, TP=1ms(NOTE 1) Steady State Power Dissipation at TL=75 C Lead Length .375"(9.5mm) (NOTE 2) Peak Forward Surge Current at 8.3ms Single Half Sine-Wave superimposed on rated load (JEDEC method) (NOTE 3) Operating and Storage Temperature Range
SYMBOL
PPK PD IFSM TJ, TSTG
VALUE
Minimum 600 5.0 100 -55 to +175
UNITS
Watts Watts Amps C
NOTES: 1. Non-repetitive current pulse per Fig. 3 and derated above TA=25 C per Fig. 2. 2. Mounted on Copper Pad area of 1.6" X 1.6" (40mm X 40mm) per Fig.5. 3. 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
1. For Bidirectional use C or CA Suffix for types P6KE6.8 thru P6KE440. 2. Electrical characteristics apply in both directions.
136
RATING AND CHARACTERISTIC CURVES (P6KE SERIES)
FIG.1-PEAK PULSE POWER DERATING CURVE
Non-Repetitive Pulse Waveform Shown in Fig. 3 TA=25 C 10 PEAK PULSE POWER(P PP) OR CURRENT(IPP) DERATING IN PERCENTAGE 100 100
FIG.2-PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
75
50
1.0
25
0.1 0.1s
1.0s
10s
100s
1.0ms
10ms
0
0
25
50
75
100
125
150
175
td, PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE ( C)
FIG.3-PULSE WAVE FORM
150 IPPM, PEAK PULSE CURRENT, %
tf=10s Peak Value IPPM TA=25 C Pulse Width (td) is defined as the point where the Peak Current Deacys to 50% of Ipp 10,000 5,000 2,000
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25 C f=1.0MHz Vsig=50mVp-p Measued at Zero Bias
100
Half Value-IPPM 2
CJ, CAPACITANCE, pF
1,000 500 200 100 50 20 Measured at Stand-Off Voltage(VMW)
50
10/1000sec Waveform as Defined by R.E.A.
td
e-kt
0
0
1.0
2.0
3.0
4.0
10 1.0
2.0
5.0
10
20
50
100
200
t, TIME, ms
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG.5-STEADY STATE POWER DERATING CURVE
Pm(AV), STEADY STATE POWER DISSIPATION, WATTS
5.00
FIG.6-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT, UNIDIRECTIONAL
100 80 TJ=TJmax 8.3ms Single Half Sine-wave JEDEC Method
IFSM, PEAK FORWARD SURGE CURRENT, AMPERES
3.75 L=.375"(9.5mm)
60
40
2.50
1.25
40mm x 40mm x 1mm Copper Heat Sink (1.6" x 1.6" x .040")
20
10 0 0 25 50 75 100 125 150 175 200
1
5
10
20
50
100
NUMBER OF CYCLES AT 60Hz
TL, LEAD TEMPERATURE ( C)
137
600 Watt Axial Lead TVS
UNI REVERSE BREAKDOWN BREAKDOWN TEST DIRECTIONAL STAND-OFF VOLTAGE VOLTAGE CURRENT PART VOLTAGE VBR (V) VRB (V) IT NUMBER VRWM (V) MIN. @IT MAX. @IT (mA) P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P6KE10 P6KE10A P6KE11 P6KE11A P6KE12 P6KE12A P6KE13 P4KE13A P6KE15 P6KE15A P6KE16 P6KE16A P6KE18 P6KE18A P6KE20 P6KE20A P6KE22 P6KE22A P6KE24 P6KE24A P6KE27 P6KE27A P6KE30 P6KE30A P6KE33 P6KE33A P6KE36 P6KE36A P6KE39 P6KE39A P6KE43 P6KE43A P6KE47 P6KE47A P6KE51 P6KE51A P6KE56 P6KE56A P6KE62 P6KE62A P6KE68 P6KE68A P6KE75 P6KE75A 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.20 10.50 11.10 12.10 12.80 12.90 13.60 14.50 15.30 16.20 17.10 17.80 18.80 19.40 20.50 21.80 23.10 24.30 25.60 26.80 28.20 29.10 30.80 31.60 33.30 34.80 36.80 38.10 40.20 41.30 43.60 45.40 47.80 50.20 53.00 55.10 58.10 60.70 64.10 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.50 10.80 11.40 11.70 12.40 13.50 14.30 14.40 15.20 16.20 17.10 18.00 19.00 19.80 20.90 21.60 22.80 24.30 25.70 27.00 28.50 29.70 31.40 32.40 34.20 35.10 37.10 38.70 40.90 42.30 44.70 45.90 48.50 50.40 53.20 55.80 58.90 61.20 64.60 67.50 71.30 7.48 7.14 8.25 7.88 9.02 8.61 10.00 9.50 11.00 10.50 12.10 11.60 13.20 12.60 14.30 13.70 16.50 15.80 17.60 16.80 19.80 18.90 22.00 21.00 24.20 23.10 26.40 25.20 29.70 28.40 33.00 31.50 36.30 34.70 39.60 37.80 42.90 41.00 47.30 45.20 51.70 49.40 56.10 53.60 61.60 58.80 68.20 65.10 74.80 71.40 82.50 78.80 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0 89.0 85.0 98.0 92.0 108.0 103.0
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 56.0 57.0 51.0 53.0 48.0 50.0 44.0 45.0 40.0 41.0 37.0 38.0 35.0 36.0 32.0 33.0 27.0 28.0 26.0 27.0 23.0 24.0 21.0 22.0 19.0 20.0 17.0 18.0 15.0 16.0 14.0 14.4 12.6 13.2 11.6 12.0 10.6 11.2 9.6 10.1 8.9 9.3 8.2 8.6 7.4 7.8 6.8 7.1 6.1 6.5 5.5 5.8 1000 1000 500 500 200 200 50 50 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
142
600 Watt Axial Lead TVS
UNI REVERSE BREAKDOWN BREAKDOWN TEST DIRECTIONAL STAND-OFF VOLTAGE VOLTAGE CURRENT PART VOLTAGE VBR (V) VRB (V) IT NUMBER VRWM (V) MIN. @IT MAX. @IT (mA) P6KE82 P6KE82A P6KE91 P6KE91A P6KE100 P6KE100A P6KE110 P6KE110A P6KE120 P6KE120A P6KE130 P6KE130A P6KE150 P6KE150A P6KE160 P6KE160A P6KE170 P6KE170A P6KE180 P6KE180A P6KE200 P6KE200A P6KE220 P6KE220A P6KE250 P6KE250A P6KE300 P6KE300A P6KE350 P6KE350A P6KE400 P6KE400A P6KE440 P6KE440A 66.40 70.10 73.70 77.80 81.00 85.50 89.20 94.00 97.20 102.00 105.00 111.00 121.00 128.00 130.00 136.00 138.00 145.00 146.00 154.00 162.00 171.00 175.00 185.00 202.00 214.00 243.00 256.00 284.00 300.00 324.00 342.00 356.00 376.00 73.80 77.90 81.90 86.50 90.00 95.00 99.00 105.00 108.00 114.00 117.00 124.00 135.00 143.00 144.00 152.00 153.00 162.00 162.00 171.00 180.00 190.00 198.00 209.00 225.00 237.00 270.00 285.00 315.00 332.00 360.00 380.00 396.00 418.00 90.20 86.10 100.00 95.50 110.00 105.00 121.00 116.00 132.00 126.00 143.00 137.00 165.00 158.00 176.00 168.00 187.00 179.00 198.00 189.00 220.00 210.00 242.00 231.00 275.00 263.00 330.00 315.00 385.00 368.00 440.00 420.00 484.00 462.00 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
MAXIMUM CLAMPING VOLTAGE @Ipp Vc (V) 118.0 113.0 131.0 125.0 144.0 137.0 158.0 152.0 173.0 165.0 187.0 179.0 215.0 207.0 230.0 219.0 244.0 234.0 258.0 246.0 287.0 274.0 344.0 328.0 360.0 344.0 430.0 414.0 504.0 482.0 574.0 548.0 631.0 600.0
PEAK REVERSE PULSE LEAKAGE CURRENT @ VRWM Ipp (A) IR( A) 5.2 5.4 4.7 4.9 4.2 4.5 3.9 4.0 3.5 3.7 3.3 3.4 2.8 2.9 2.7 2.8 2.5 2.6 2.4 2.5 2.1 2.2 1.8 1.9 1.7 1.8 1.4 1.5 1.2 1.3 1.1 1.1 1.0 1.0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
145


▲Up To Search▲   

 
Price & Availability of P6KE20A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X